PART |
Description |
Maker |
JANTXV2N6849U JANTX2N6849U IRFE9130 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR HEXFET?TRANSISTORS
|
IRF[International Rectifier]
|
JANSR2N7424 |
HEXFET Transistor(HEXFET 晶体
|
International Rectifier
|
IRFZ44NL IRFZ44NS IRFZ44NSTRR IRFZ44NLPBF IRFZ44NS |
55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=55V, Rds(on)=0.0175ohm, Id=49A) (IRFZ44NL / IRFZ44NS) Power MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 55V V(BR)DSS | 49A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 55V的五(巴西)直| 49A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRF7341Q IRF7341QTR |
HEXFET? Power MOSFET 55V Dual N-Channel HEXFET Power MOSFET in a SO-8 package TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 55V V(BR)DSS | 5.1A I(D) | SO
|
International Rectifier
|
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
JANSH2N7262 IRHF7230 IRHF8230 JANSR2N7262 |
REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
|
IRF[International Rectifier]
|
IRFI530G |
HEXFET POWER MOSFET HEXFET功率MOSFET HEXFET? Power MOSFET 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRFI9Z34N IRFI840G IRFI9Z34NPBF |
-55V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET HEXFET Power MOSFET (-55V, 0.1ohm, -14A)
|
IRF[International Rectifier]
|
JANTXV2N6768 JANTX2N6768 2472 |
TRANSISTORS N-CHANNEL(Vdss=400V, Rds(on)=0.300ohm, Id=14A) From old datasheet system HEXFET? TRANSISTOR
|
IRF[International Rectifier]
|